| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56303 Fiches technique(PDF) 277 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 Fiches technique(HTML) 277 Page - Freescale Semiconductor, Inc |
|
277 / 292 page ![]() Programming Sheets DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor B-33 Figure B-24. Port D Registers (PCRD, PRRD, PDRD) Application: Date: Programmer: Sheet 3 of 4 GPIO Port D (ESSI1) 23 65 4321 0 PCD5 PCD4 PCD3 PCD2 PCD1 PCD0 Port D Control Register (PCRD) X:$FFFFAF Read/Write Reset = $000000 *0 *0 PCn = 1 → Port Pin configured as ESSI PCn = 0 → Port Pin configured as GPIO 23 65 4321 0 PRD5 PRD4 PRD3 PRD2 PRD1 PRD0 Port D Direction Register (PRRD) X:$FFFFAE Read/Write Reset = $000000 *0 *0 PDCn = 1 → Port Pin is Output PDCn = 0 → Port Pin is Input 23 65 4321 0 PDD5 PDD4 PDD3 PDD2 PDD1 PDD0 Port D GPIO Data Register (PDRD) X:$FFFFAD Read/Write Reset = $000000 *0 *0 if port pin n is GPIO input, then PDn reflects the value on port pin n if port pin n is GPIO output, then value written to PDn is reflected on port pin n *= Reserved, Program as 0 |