| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56303 Fiches technique(PDF) 233 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 Fiches technique(HTML) 233 Page - Freescale Semiconductor, Inc |
|
233 / 292 page ![]() Enhanced Synchronous Serial Interface (ESSI) Equates DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor A-11 M_OR EQU 4 ; Overrun Error Flag M_PE EQU 5 ; Parity Error M_FE EQU 6 ; Framing Error Flag M_R8 EQU 7 ; Received Bit 8 (R8) Address ; SCI Clock Control Register M_CD EQU $FFF ; Clock Divider Mask (CD0-CD11) M_COD EQU 12 ; Clock Out Divider M_SCP EQU 13 ; Clock Prescaler M_RCM EQU 14 ; Receive Clock Mode Source Bit M_TCM EQU 15 ; Transmit Clock Source Bit ;------------------------------------------------------------------------ A.5 Enhanced Synchronous Serial Interface (ESSI) Equates ;------------------------------------------------------------------------ ; ; Register Addresses Of SSI0 M_TX00 EQU $FFFFBC ; SSI0 Transmit Data Register 0 M_TX01 EQU $FFFFBB ; SSIO Transmit Data Register 1 M_TX02 EQU $FFFFBA ; SSIO Transmit Data Register 2 M_TSR0 EQU $FFFFB9 ; SSI0 Time Slot Register M_RX0 EQU $FFFFB8 ; SSI0 Receive Data Register M_SSISR0 EQU $FFFFB7 ; SSI0 Status Register M_CRB0 EQU $FFFFB6 ; SSI0 Control Register B M_CRA0 EQU $FFFFB5 ; SSI0 Control Register A M_TSMA0 EQU $FFFFB4 ; SSI0 Transmit Slot Mask Register A M_TSMB0 EQU $FFFFB3 ; SSI0 Transmit Slot Mask Register B M_RSMA0 EQU $FFFFB2 ; SSI0 Receive Slot Mask Register A M_RSMB0 EQU $FFFFB1 ; SSI0 Receive Slot Mask Register B ; Register Addresses Of SSI1 M_TX10 EQU $FFFFAC ; SSI1 Transmit Data Register 0 M_TX11 EQU $FFFFAB ; SSI1 Transmit Data Register 1 M_TX12 EQU $FFFFAA ; SSI1 Transmit Data Register 2 M_TSR1 EQU $FFFFA9 ; SSI1 Time Slot Register M_RX1 EQU $FFFFA8 ; SSI1 Receive Data Register M_SSISR1 EQU $FFFFA7 ; SSI1 Status Register M_CRB1 EQU $FFFFA6 ; SSI1 Control Register B M_CRA1 EQU $FFFFA5 ; SSI1 Control Register A M_TSMA1 EQU $FFFFA4 ; SSI1 Transmit Slot Mask Register A M_TSMB1 EQU $FFFFA3 ; SSI1 Transmit Slot Mask Register B M_RSMA1 EQU $FFFFA2 ; SSI1 Receive Slot Mask Register A M_RSMB1 EQU $FFFFA1 ; SSI1 Receive Slot Mask Register B ; SSI Control Register A Bit Flags M_PM EQU $FF ; Prescale Modulus Select Mask (PM0-PM7) M_PSR EQU 11 ; Prescaler Range |