Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE847701 Fiches technique(PDF) 26 Page - King blillion Electronics Co.,Ltd.

No de pièce HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Fiches technique(HTML) 26 Page - King blillion Electronics Co.,Ltd.

Back Button HE847701 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 24Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 25Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 26Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 27Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 28Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 29Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE847701
HE80000 SERIES
March 26, 2004
Page 26 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
(Input from low to high), Threshold =
1/3xVDD (Input from high to low)
Output Source Current
IOH
50
µA
Output drive high*1, VOL=2.0V
Output Sink Current
IOL1
1.0
mA
Output drive low, VOL=0.4V
Input Low Current
IIL1
20
µA
RSTP_N, VIL = GND, Pull high
Internally
Input Low Current
IIL2
100
µA
I/O, VIL=GND, if pull high Internally by
user
PWM and DAC
10
14
mA
PWM *2 With 32Ω Loading
6
8
mA
With 64Ω Loading
PWM Output Current
IPWM
4
5
mA
With 100Ω Loading
DAC Output Current
IoVO
2.5
3
mA
VO, DAO@ VDD=3V,VO=0~2V, Data
= 7F
Notes:
1.
The “Output Source Current” specification is applicable only to the Push-Pull I/O type.
2.
This specification indicates only one PWM driving capability, and there are totally five built-in drivers, user
can multiply the actual number of driver to get the actual current. (IPWM x N; where N = 0, 1, 2, 3, 4, 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com