Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE847701 Fiches technique(PDF) 24 Page - King blillion Electronics Co.,Ltd.

No de pièce HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Fiches technique(HTML) 24 Page - King blillion Electronics Co.,Ltd.

Back Button HE847701 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 24Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 25Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 26Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 27Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 28Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE847701
HE80000 SERIES
March 26, 2004
Page 24 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
0
DA Disable
The output current of the DAC is programmable by mask option MO_DACISEL:
MO_DACISEL[1:0] DAC output current
00
0.375 mA
01
0.75 mA
10
1.5 mA
11
3 mA
16. Pulse-Width Modulation
The pulse-width modulator (PWM) converts 7-bit unsigned speech data written to PWMC data register to
proportional duty cycle of PWM output. PWM module shares the PWMC data register with
Digit-to-Analog Converter. So PWM and DA output can exist at the same time. When PWM circuit is
enabled, it generates signal with duty ratio in proportion to the DA value.
DA = 0x20
DA = 0x80
DA = 0xE0
1 subframe
The PWM bit of VOC register controls register to enable the circuit and output driver. When PWM bit of
VOC is ‘0’, PWME bit and output drivers settings are both cleared. To use PWM for voice output, PWM
bit has to be set to ‘1’ first, then set PWME bit and enable output driver by setting the driver number. If
PWM bit is disabled and enabled again, the setting for driver and PWME bit will be clear.
The Fast Clock is gated through PWME bit of PWMC command register to provide the clock source of
PWM circuit when it is enabled. As PWM needs higher frequency to operate, it cannot generate correct
PWM signal in Slow clock only mode.
When the program enters into Sleep mode or Idle mode, it will automatically turn off all voice outputs by
clearing VOC[2..1] to ”00”. To activate voice output again when returning to Normal Mode, the VOC
register needs to be set again.
The PWM output volume can be adjusted by command register PWMC[6..4]. The bit 6 and 5 control 2
time driver, while bit 4 controls 1 time driver, thus it has 5 levels of driver output. By turning on/off the
internal drivers, the sound level of PWM output can be turned up and down. Please note that this
adjustment apply only to PWM, but not DA output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com