Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE847701 Fiches technique(PDF) 22 Page - King blillion Electronics Co.,Ltd.

No de pièce HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Fiches technique(HTML) 22 Page - King blillion Electronics Co.,Ltd.

Back Button HE847701 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 24Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 25Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 26Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE847701
HE80000 SERIES
March 26, 2004
Page 22 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
13. Time Base Interrupt
The TB timer is used to generate time-out interrupt at fixed period. The time-out frequency of TB is
determined by dividing slow clock with a factor selected in OP2[3..0]. TBE (Time Base Enable) bit
controls enable or disable of the circuit.
OP2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
IDLE
PNWK
TCWK
TBE
TBS[3..0]
Mode
R/W
R
R
R/W
W
W
W
W
Reset
0
-
-
0
-
-
-
-
TBE Function
0
Disable Time Base
1
Enable Time Base
For example, if the slow clock is 32768 Hz, then the interrupt frequency is as shown in following table.
TBS[3..0] Interrupt Frequency
0000
16.384 KHz
0001
8.192 KHz
0010
4.096 KHz
0011
2.048 KHz
0100
1.024 KHz
0101
512 Hz
0110
256 Hz
0111
128 Hz
1000
64 Hz
1001
32 Hz
1010
16 Hz
1011
8 Hz
1100
4 Hz
1101
2 Hz
1110
1 Hz
1111
0.5 Hz
14. Watch Dog Timer
Watch Dog Timer (WDT) is designed to reset system automatically prevent system dead lock caused by
abnormal hardware activities or program execution. WDT needs to be enabled in Mask Option.
MO_WDTE Function
0
WDT disable
1
WDT enable
To use WDT function, “CLRWDT” instruction needs to be executed in every possible program path
when the program runs normally in order to clears the WDT counter before it overflows, so that the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com