Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE847701 Fiches technique(PDF) 15 Page - King blillion Electronics Co.,Ltd.

No de pièce HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Fiches technique(HTML) 15 Page - King blillion Electronics Co.,Ltd.

Back Button HE847701 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE847701
HE80000 SERIES
March 26, 2004
Page 15 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
The RC oscillator has a built-in capacitor. An external resistor is needed to connect from FXI to GND to
determine the oscillation frequency. The capacitance of internal RC oscillator is selected by mask option
MO_RCAP[2..0].
MO_RCAP[2..0] Internal RC Cap. OSC. (pF)
000
2
001
4
010
7
011
14
100
20
101
40
110
50
111
60
The following table shows the combinations of R and C, and the resulting frequency. Please note that
oscillation frequency in the table only represents oscillation frequencies of certain samples. The actual
oscillation frequency may vary up to ±15% from lot to lot due to process parameter variations. User must
take this into consideration when using this chip in applications.
Ring Oscillator Frequency Table
R(K ohm )\C (pF)
40
20
14
7
4
2
30.20
0.8
1.5
2.0
3.0
4.0
5.0 MHz
19.92
1.2
2.2
2.8
4.4
5.6
7.0 MHz
9.98
2.3
4.0
5.1
7.5
9.4 11.4 MHz
Two types of oscillator, crystal and RC, can be used as slow clock by mask option MO_SXTAL. If used
for time keeping function or other applications that required the accurate timing, crystal oscillator is
recommended. If the timing accuracy is not important, then RC type oscillator can be used to reduce cost.
MO_SXTAL
Slow clock type
0
R/C oscillator
1
Crystal oscillator
SXI
SXI
SXO
SXO
Crystal Osc.
RC Osc.
With two clock sources available, the system can switch among operation modes of Fast, Slow, Idle, and
Sleep modes by the setting of OP1 and OP2 registers as shown in tables below to suit the needs of
application such as power saving, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com