Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE847701 Fiches technique(PDF) 25 Page - King blillion Electronics Co.,Ltd.

No de pièce HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Fiches technique(HTML) 25 Page - King blillion Electronics Co.,Ltd.

Back Button HE847701 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 24Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 25Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 26Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 27Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 28Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 29Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE847701
HE80000 SERIES
March 26, 2004
Page 25 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
PWM output driver selection
PWMC[6..4] Number of Driver
000
off
001
1
010
2
011
3
100
2
101
3
110
4
111
5
17. Absolute Maximum Rating
Item
Sym.
Rating
Condition
Supply Voltage
Vdd
-0.5V ~ 4.0V
Input Voltage
Vin
-0.5V ~ Vdd+0.5V
Output Voltage
Vo
-0.5V ~ Vdd+0.5V
Operating Temperature
Top
00C ~ 700C
Storage Temperature
Tst
-500C ~ 1000C
18. Recommended Operating Conditions
Item
Sym.
Rating
Condition
Supply Voltage
Vdd
2.4V ~ 3.6V
Vih
0.9 Vdd ~ Vdd
Input Voltage
Vil
0.0V ~ 0.1Vdd
8MHz
Vdd =3.0V
Operating Frequency
Fmax
6MHz
Vdd =2.4V
Operating Temperature
Top
00C ~ 700C
Storage Temperature
Tst
-500C ~ 1000C
19.
AC/DC Characteristics
Testing Condition : TEMP=25℃, VDD=3V±10%
Parameters
Symbol
Min.
Typ.
Max.
Unit
Condition
Power consumption
Normal mode current
IFAST
1
1.5
mA
2M external R/C fast clock
Slow mode Current
ISLOW
15
25
µA
32768 Hz slow clock with LCD
disabled
Idle mode Current
IIDLE
10
20
µA
32768 Hz slow clock with LCD
disabled
Sleep mode Current
ISLEEP
1
µA
Additional Current if LCD
ON
ILCD
150
220
µA
1/7 bias, no load on SEG and COM pins
I/O specification
Input High Voltage
VIH
0.8
VDD Input Pins
Input Low Voltage
VIL
0.2
VDD Input Pins
Input Hysteresis Width
VHYS
1/3
VDD I/O, RSTP_N Threshold = 2/3xVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com