Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE847701 Fiches technique(PDF) 23 Page - King blillion Electronics Co.,Ltd.

No de pièce HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Fiches technique(HTML) 23 Page - King blillion Electronics Co.,Ltd.

Back Button HE847701 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 24Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 25Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 26Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 27Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE847701
HE80000 SERIES
March 26, 2004
Page 23 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
program can operate normally. When abnormal conditions happen to cause the MCU to divert from
normal path, the WDT counter will not be cleared and reset signal will be generated.
WDT is the enabling signal generated by calculating 32768-clock overflow. Reset Register content is
same as TC1 (Timer1 clock), which uses the same clock count source. WDT function can be generated in
Normal, Slow and Idle Mode. However, WDT will not function during Sleep Mode (as the TC1 clock has
stopped.)
15. Digital-to-Analog Converter
The Digital-to-Analog converter (DAC) converts the 7-bit unsigned speech data written to PWMC to
proportional current output.
PWMC register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DA & PWM Data
0
DA and PWM output value
Control
1
PWM O/P driver
-
-
-
PWME
There are two output paths for the DAC. Either VO or DAO can be selected as output port of DAC by
VOC register when it is enabled. The VO output is primarily intended for speech generation, although it
is not necessary so, while the DAO output path can be used in conjunction with built-in OP comparator to
function as an Analog-to-Digital Converter as required in applications such as speech recording, speech
recognition or sensor interfaces.
OPO
OPIP
OPIN
DAO
PWMC[DATA]
VO
VOC[DAC]
VOC[OP]
R
DAC
+
-
1
0
OP
The DAC is enabled by DAC bit of VOC register. Please note that the DAC bit of VOC register will be
automatically cleared when the system enter Idle or Sleep mode. So it needs to be set again when
returning to Normal mode.
VOC
VOC register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Initial
-
-
-
-
-
0
0
0
-
-
-
-
-
PWM
DAC
OP
Bit Name Value Function description
1
DAC
1
DA Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com