Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE847701 Fiches technique(PDF) 14 Page - King blillion Electronics Co.,Ltd.

No de pièce HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Fiches technique(HTML) 14 Page - King blillion Electronics Co.,Ltd.

Back Button HE847701 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE847701
HE80000 SERIES
March 26, 2004
Page 14 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
7.1. LCDC Control register
The gray scale of the LCD driver can be adjusted by GRAY field of LCD. The LCD panel can be blanked
by setting the BLANK field of LCDC register. LCD driver can be totally turned off by clearing LCDE bit
of LCDC.
LCDC
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Field
-
-
-
GRAY
BLANK LCDE
Reset
-
-
-
-
-
-
1
0
Field
Value Function
GRAY
000
LCD is darkest.
111
LCD is lightest.
BLANK
0
normal display
1
LCD display blanked. The COM signals of LCD driver output inactive levels
(LVL4 and LVL1) while SEG signals output normal display patterns.
LCDE
0
LCD driver disabled, LCD driver has no output signal.
1
LCD driver Enabled
Please note that LCD driver must be turned off before the MCU goes into sleep mode. In other words,
user must clear the bit 0 (LCDE bit) of LCDC to turn off LCD driving circuit before setting bit6 of OP1
to enter sleep mode. Large current might happen if the procedure is not followed.
Please note that LCD driver uses slow clock as clock source. The LCD display would not display
normally if it worked in Fast clock only mode as the LCD refresh action would be too fast.
8. Oscillators
The MCU is equipped with two clock sources with a variety of selections on the types of oscillators to
choose from. So that system designer can select oscillator types based on the cost target, timing accuracy
requirements etc. Crystal, Resonator or the RC oscillator can be used as fast clock source, components
should be placed as close to the pins as possible. The type of oscillator used is selected by mask option
MO_FXTAL.
MO_FXTAL Fast clock type
0
RC Oscillator.
1
Crystal Oscillator.
FXI
FXI
FXO
R
22p
22p
3579545Hz
Crystal Osc.
RC Osc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com