Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE847701 Fiches technique(PDF) 20 Page - King blillion Electronics Co.,Ltd.

No de pièce HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Fiches technique(HTML) 20 Page - King blillion Electronics Co.,Ltd.

Back Button HE847701 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 24Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE847701
HE80000 SERIES
March 26, 2004
Page 20 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
T1H
T1L
"Timer1 Counter"
decreases 1
Count TO
0xFFFFh
Auto reload when
Timer1 underflow
No
Start Timer1
Interrupt Request.
Yes
The contents of T1H and
T1L almost loaded into
Timer1 immediately
when Timer1 is turned on
after reset.
T1_INT
The Timer1 related control registers are list as below:
Register Address
Field
Bit position Mode
Description
IER
0x02
TC1_IER
2
R/W 0: TC1 interrupt is disabled. (default)
1: TC1 interrupt is enabled.
T1L
0x03
T1L[7:0]
7~0
W
Low byte of TC1 pre-load value
T1H
0x04
T1H[7:0]
7~0
W
High byte of TC1 pre-load value
OP1
0x09
TC1E
2
R/W 0: TC1 is disabled. (default)
1: TC1 is enabled.
12. Timer2
Timer2 is similar in structure to Timer1 except that clock source of Timer2 comes from the system clock
“Fsys”/1.5. The system clock “Fsys” varies depending on the operation modes of the MCU.
The Timer2 consists of two 8-bit write-only preload registers T2H and T2L and 16-bit down counter. If
Timer2 is enabled, counter will decrement by one with each incoming clock pulse. Timer2 interrupt will
be generated when the counter underflows - counts down to FFFFH. And it will be automatically reloaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com