Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE847701 Fiches technique(PDF) 16 Page - King blillion Electronics Co.,Ltd.

No de pièce HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Fiches technique(HTML) 16 Page - King blillion Electronics Co.,Ltd.

Back Button HE847701 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE847701
HE80000 SERIES
March 26, 2004
Page 16 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
OP1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
DRDY
STOP
SLOW
INTE
T2E
T1E
Z
C
Mode
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1
0
0
0
0
0
-
-
OP2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
IDLE
PNWK
TCWK
TBE
TBS[3..0]
Mode
R/W
R
R
R/W
W
W
W
W
Reset
0
-
-
0
-
-
-
-
If the dual clock mode is used, the LCD display, Timer1 and Timer Base will derive its clock source from
slow clock while the other blocks will operate with the fast clock.
9. General Purpose I/O
There are three dedicated general purpose I/O port, PRTC, PRTD and PRT10, while PRT14, PRT15 and
PRT17 are multiplexed with LCD segment driver pins. All the I/O Ports are bi-directional and of non-
tri-state output structure. The output has weak sourcing (50 µA) and stronger sinking (1 mA) capability
and each can be configured as push-pull or open-drain output structure individually by mask option.
When the I/O port is used as input, the weakly high sourcing can be used as weakly pull-up. Open drain
can be used if the pull-up is not required and let the external driver to drive the pin. Please note that a
floating pad could cause more power consumption since the noise could interfere with the circuit and
cause the input to toggle. A ‘1’ needs to be written to port first before reading the input data from the I/O
pin. If the PMOS is used as pull-up, care should be taken to avoid the constant power drain by DC path
between pull-up and external circuit.
The input port has built-in Schmidt trigger to prevent it from chattering. Hysteresis level of Schmidt
trigger is 1/3*VDD.
VDD
VDD
Q
Q'
LATCH
MO_?PP
SCHMIDT Trigger input
DOUT
PAD
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com