Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HE847701 Fiches technique(PDF) 4 Page - King blillion Electronics Co.,Ltd.

No de pièce HE847701
Description  8-bit Micro-controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KB [King blillion Electronics Co.,Ltd.]
Site Internet  
Logo KB - King blillion Electronics Co.,Ltd.

HE847701 Fiches technique(HTML) 4 Page - King blillion Electronics Co.,Ltd.

  HE847701 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE847701 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
King Billion Electronics Co., Ltd
駿
HE847701
HE80000 SERIES
March 26, 2004
Page 4 of 29
V1.03
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Pin Name
Pin # I/O
Description
will turn on the key scan function.
PRT14[7..0]
26 ~ 33
B/
O
8-bit bi-directional I/O port 14 is shared with LCD segment pads SEG[23..16]. The
function of the pad can be selected individually by mask options MO_LIO14[7..0].
(‘1’ for LCD and ‘0’ for I/O).
The output type of I/O pad can also be selected by mask option MO_14PP[7..0] (1
for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the
I/O as input, “1” must be outputted before reading.
PRT15[7..0]
34 ~ 41
B/
O
8-bit bi-directional I/O port 15 is shared with LCD segment pads SEG[16..8]. The
function of the pad can be selected individually by mask options MO_LIO15[7..0].
(‘1’ for LCD and ‘0’ for I/O).
The output type of I/O pad can also be selected by mask option MO_15PP[7..0] (1
for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the
I/O as input, “1” must be outputted before reading.
PRT17[7..0]
42 ~ 49
B/
O
8-bit bi-directional I/O port 17 is shared with LCD segment pads SEG[7..0]. The
function of the pad can be selected individually by mask options MO_LIO17[7..0].
(‘1’ for LCD and ‘0’ for I/O).
The output type of I/O pad can also be selected by mask option MO_17PP[7..0] (1
for push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the
I/O as input, “1” must be outputted before reading.
COM[31..0]
50 ~ 81 O LCD COMMON Driver pads.
LVL1
82
B LCD Bias Voltage 1
LVL2
83
B LCD Bias Voltage 2
LVL3
84
B LCD Bias Voltage 3
LVL4
85
B LCD Bias Voltage 4
LVL5
86
B LCD Bias Voltage 5
LCAP4A
87
B Charge Pump Capacitor Pin
LCAP4B
88
B Charge Pump Capacitor Pin.
LCAP3A
89
B Charge Pump Capacitor Pin
LCAP3B
90
B Charge Pump Capacitor Pin
LCAP2A
91
B Charge Pump Capacitor Pin
LCAP2B
92
B Charge Pump Capacitor Pin
LCAP1A
93
B Charge Pump Capacitor Pin
LCAP1B
94
B Charge Pump Capacitor Pin
LCDGS
95
B LCD Voltage setting. Adjust Resistor between LCDGS and LVL2 to set LVL5.
LCDVX
96
B Charge Pump Capacitor Pin
LCDVTB
97
B Charge Pump Capacitor Pin
LFR
98
O LCD frame signal for interfacing with LCD segment extender KD80.
LDL
99
O LCD data load pin for interfacing with LCD segment extender KD80.
GND
100
P
Power ground Input.
VO
101
O
DAC Voice Output. Set the bit 1 and clear the bit 0 of VOC (DA = ‘1’ and OP = ‘0’)
register to turn on DAC with VO output.
DAO
102
O
Alternate output of DAC. Set both bit 1 and bit 0 of VOC register (DA = ‘1’ and OP
= ‘1’) to turn on DAC with DAO output as well as OP comparator.
OPIN
103
I
Inverting input of OP Amp. Set the bit 0 of VOC register (OP = ‘1’) to turn on OP
comparator.
OPIP
104
I
Non-inverting input of OP Amp.
OPO
105
O Output of OP Amp.
RSTP_N
106
I
System Reset input pin. Level trigger, active low on this pin will put the chip in reset
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com