| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 126 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 126 Page - NXP Semiconductors |
|
126 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE (INF_RED_ENABLE_DATA_BIT.pin == INF_RED_ENABLE) & (!KA_PON_RESET # (INF_RED_ENABLE_PON_DEFAULT != !INF_RED_ENABLE)) # (KA_PON_RESET & (INF_RED_ENABLE_PON_DEFAULT == INF_RED_ENABLE)) ) then INF_RED_ENABLE else !INF_RED_ENABLE; "****************************************************************************** state_diagram FlashCfgEn~ state FLASH_CFG_ENABLE: if (MPC_WRITE_BCSR_1 & (FLASH_CFG_ENABLE_DATA_BIT.pin == !FLASH_CFG_ENABLE) & (!KA_PON_RESET # (FLASH_CFG_ENABLE_PON_DEFAULT != FLASH_CFG_ENABLE)) # (KA_PON_RESET & (FLASH_CFG_ENABLE_PON_DEFAULT == !FLASH_CFG_ENABLE)) )then !FLASH_CFG_ENABLE else FLASH_CFG_ENABLE; state !FLASH_CFG_ENABLE: if (MPC_WRITE_BCSR_1 & (FLASH_CFG_ENABLE_DATA_BIT.pin == FLASH_CFG_ENABLE) & (!KA_PON_RESET # (FLASH_CFG_ENABLE_PON_DEFAULT != !FLASH_CFG_ENABLE)) # (KA_PON_RESET & (FLASH_CFG_ENABLE_PON_DEFAULT == FLASH_CFG_ENABLE)) ) then FLASH_CFG_ENABLE else !FLASH_CFG_ENABLE; "****************************************************************************** "* To avoid in advertant write to the Control Register Enable bit, which might "* result in a need to re-power the board - protection logic is provided. "* In order of writing the Control Register Enable this bit in the status register "* must be negated. After any write to the control register, this bit asserts "* again (to protected mode) "****************************************************************************** equations CntRegEnProtect~.clk = SYSCLK; state_diagram CntRegEnProtect~ state CNT_REG_EN_PROTECT: if (MPC_WRITE_BCSR_3 & (CNT_REG_EN_PROTECT_DATA_BIT.pin == !CNT_REG_EN_PROTECT) & (!KA_PON_RESET # (CNT_REG_EN_PROTECT_PON_DEFAULT != CNT_REG_EN_PROTECT)) # (KA_PON_RESET & (CNT_REG_EN_PROTECT_PON_DEFAULT == !CNT_REG_EN_PROTECT)) then !CNT_REG_EN_PROTECT Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |