| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC821 Fiches technique(PDF) 224 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 Fiches technique(HTML) 224 Page - NXP Semiconductors |
|
224 / 242 page ![]() Support Information 48 MPC860TFADS Daughter Board Design Specification—Rev 0.1 MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE 5•1•5 PX1 - PX4 Hardware Expansion Connectors These connectors are receptacle inter-board connectors made by Molex. They are identical to those exist on the MPC8XXFADS mother board. Their mechanical assembly is similar as well and is shown in FIGURE 5-2 "Expansion Connectors Mechanical Assembly" below: 124 GND 125 126 N.C. 127 128 GND 129 130 N.C. 131 132 GND 133 134 N.C. 135 136 GND 137 138 N.C. 139 140 GND TABLE 5-12. PM4 Interconnect Signals Pin No. Signal Name Attribute Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |