Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC821 Fiches technique(PDF) 214 Page - NXP Semiconductors

No de pièce MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Fiches technique(HTML) 214 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 210Page - NXP Semiconductors MPC821 Datasheet HTML 211Page - NXP Semiconductors MPC821 Datasheet HTML 212Page - NXP Semiconductors MPC821 Datasheet HTML 213Page - NXP Semiconductors MPC821 Datasheet HTML 214Page - NXP Semiconductors MPC821 Datasheet HTML 215Page - NXP Semiconductors MPC821 Datasheet HTML 216Page - NXP Semiconductors MPC821 Datasheet HTML 217Page - NXP Semiconductors MPC821 Datasheet HTML 218Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 242 page
background image
Support Information
38
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
47
N.C.
48
GND
49
50
PB27
I/O, X
MPC PI/O port B 27. Appears also at P8 but otherwise unused.
51
PB28
I/O, X
MPC PI/O port B 28. Appears also at P8 but otherwise unused.
52
GND
53
PC12
I/O, X
MPC PI/O port C 12. Appears also at P8 but otherwise unused.
54
PB26
I/O, X
MPC PI/O port C 26. Appears also at P8 but otherwise unused.
55
GND
56
57
PA5
I/O, X
MPC PI/O port A 5. Appears also at P8 but otherwise unused.
58
GND
59
60
PA4
I/O, X
MPC PI/O port A 4. Appears also at P8 but otherwise unused.
61
E_CLSN
I/O, H
Ethernet Port Collision indication signal. Connected to the SCC’s
CTS~ signal. When the ethernet port is disabled via BCSR1, may
be used off-board for any alternate function.
62
E_RENA
I/O, H
Ethernet Receive Enable. Connected to the SCC’s CD~ signal.
Active when there is network activity. When the ethernet port is
disabled via BCSR1, may be used off-board for any alternate
function.
63
SPARE2
I/O, X
MPC spare line 2. Pulled - up but otherwise unused on the FADS.
64
VDOEN~
O, L
Applies only for MPC823 daughter board. Video Encoder Enable
Indication. Generated by BCSR4. Not USED IN THE 860TDB
65
GND
66
67
SYSCLK
I, X
System Clock. In fact the CLKOUT of the MPC.
68
GND
69
70
71
PA3
I/O, X
MPC PI/O port A 3. Appears also at P8 but otherwise unused.
72
GND
73
74
PA2
I/O, X
MPC PI/O port A 2. Appears also at P8 but otherwise unused.
75
PB17
I/O, X
MPC PI/O port B 17. Appears also at P8 but otherwise unused.
TABLE 5-11. PM3 Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More