Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC821 Fiches technique(PDF) 180 Page - NXP Semiconductors

No de pièce MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Fiches technique(HTML) 180 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 176Page - NXP Semiconductors MPC821 Datasheet HTML 177Page - NXP Semiconductors MPC821 Datasheet HTML 178Page - NXP Semiconductors MPC821 Datasheet HTML 179Page - NXP Semiconductors MPC821 Datasheet HTML 180Page - NXP Semiconductors MPC821 Datasheet HTML 181Page - NXP Semiconductors MPC821 Datasheet HTML 182Page - NXP Semiconductors MPC821 Datasheet HTML 183Page - NXP Semiconductors MPC821 Datasheet HTML 184Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 242 page
background image
Hardware Preparation and Installation
4
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
2 - Hardware Preparation and Installation
2•1
INTRODUCTION
This chapter provides unpacking instructions, hardware preparation, and installation instructions for
the MPC860TFADSDB.
2•2
UNPACKING INSTRUCTIONS
NOTE
If the shipping carton is damaged upon receipt, re-
quest carrier’s agent to be present during unpack-
ing and inspection of equipment.
Unpack equipment from shipping carton. Refer to packing list and verify that all items are present.
Save packing material for storing and reshipping of equipment.
CAUTION
AVOID TOUCHING AREAS OF INTEGRATED CIR-
CUITRY; STATIC DISCHARGE CAN DAMAGE CIR-
CUITS.
2•3
HARDWARE PREPARATION
To select the desired configuration and ensure proper operation of the MPC860TFADSDB board,
changes of the jumpers settings may be required before installation. The location of the switches,
LEDs, and connectors is illustrated in FIGURE 2-1 "MPC860TFADSDB Top Side Part Location
diagram" on page 5. The board has been factory tested and is shipped with Dip-Switch settings as
described in the following paragraphs. Parameters can be changed for the following conditions:
•
Clock generator.
•
Power-On Reset Source.
•
MPC Keep Alive Power Source
•
MPC Internal Logic Supply Source
•
LXT970 power up configuration.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More