Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC821 Fiches technique(PDF) 150 Page - NXP Semiconductors

No de pièce MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Fiches technique(HTML) 150 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 146Page - NXP Semiconductors MPC821 Datasheet HTML 147Page - NXP Semiconductors MPC821 Datasheet HTML 148Page - NXP Semiconductors MPC821 Datasheet HTML 149Page - NXP Semiconductors MPC821 Datasheet HTML 150Page - NXP Semiconductors MPC821 Datasheet HTML 151Page - NXP Semiconductors MPC821 Datasheet HTML 152Page - NXP Semiconductors MPC821 Datasheet HTML 153Page - NXP Semiconductors MPC821 Datasheet HTML 154Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
"* Configuration hold counter. Since the rise time of the HARD RESET signal
"* is relatively slow, there is a need to provide a hold time for reset
"* configuration.
ConfigHold.clk = SYSCLK;
when (SyncHardReset~.fb & !ConfigHoldEnd.fb) then ConfigHold := ConfigHold.fb +1;
else when (SyncHardReset~.fb & ConfigHoldEnd.fb) then ConfigHold := ConfigHold.fb;
else when (!SyncHardReset~.fb) then ConfigHold := 0;
ConfigHoldEnd = (ConfigHold.fb == HARD_CONFIG_HOLD_VALUE); " terminal count
!ResetConfig~ = !HardReset~;" drives RSTCONF~ to MPC8XX
!DriveConfig~ = !ConfigHoldEnd.fb; " drives configuration data on the bus.
"******************************************************************************
"* NMI generation
"******************************************************************************
equations
NMI~.oe = NMIEn;
NMI~ = 0;" O.D.
NMIEn = !RstDeb1.fb & AbrDeb1.fb;" only abort button depressed
"******************************************************************************
"* local data buffers enable
"******************************************************************************
equations
SyncHardReset~.clk = SYSCLK;
DSyncHardReset~.clk = SYSCLK;
SyncHardReset~ := HardReset~;
DSyncHardReset~ := SyncHardReset~.fb;
SyncTEA~.clk = SYSCLK;
SyncTEA~ := TEA~;
LocDataBufEn.oe = 3;
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More