Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7000 Fiches technique(PDF) 54 Page - ams AG

No de pièce AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Fiches technique(HTML) 54 Page - ams AG

Back Button AS7000 Datasheet HTML 50Page - ams AG AS7000 Datasheet HTML 51Page - ams AG AS7000 Datasheet HTML 52Page - ams AG AS7000 Datasheet HTML 53Page - ams AG AS7000 Datasheet HTML 54Page - ams AG AS7000 Datasheet HTML 55Page - ams AG AS7000 Datasheet HTML 56Page - ams AG AS7000 Datasheet HTML 57Page - ams AG AS7000 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
Page 54
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
ADC
The ADC is a 14bit successive-approximation register (SAR)
type. It supports 12 bit with very fast conversion time up to
1Msps and 14bit with moderate conversion time up to 250ksps.
The ADC is started by the sequencer and its timing or in manual
mode (man_mode=1) by setting seq_start=1 (seq_start stays
‘1’ as long as the conversion runs). The AS7000 can be
configured to trigger an interrupt upon end of conversion.
Figure 66:
ADC Internal Circuit and Multiplexer
For best accuracy the ADC needs to recalibrate itself – use ams
SDK to initiate the calibration procedure.
CPU
LDO
VDD
POR
GPIO8
GPIO7
S
R
Q
V_LDO
gpio7_wakeup_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92