Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7000 Fiches technique(PDF) 79 Page - ams AG

No de pièce AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Fiches technique(HTML) 79 Page - ams AG

Back Button AS7000 Datasheet HTML 75Page - ams AG AS7000 Datasheet HTML 76Page - ams AG AS7000 Datasheet HTML 77Page - ams AG AS7000 Datasheet HTML 78Page - ams AG AS7000 Datasheet HTML 79Page - ams AG AS7000 Datasheet HTML 80Page - ams AG AS7000 Datasheet HTML 81Page - ams AG AS7000 Datasheet HTML 82Page - ams AG AS7000 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
ams Datasheet
Page 79
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Figure 108:
GPIO_OE_CLR
Figure 109:
CCU_IOFUNC0
0x3c: GPIO_OE_CLR
Field
Name
Rst
Type
Description
12:0
gpio_oe_clr
0
PUSH
Clearing one or more bit(s) of the GPIO_OE registers
directly without affecting the others
0x50: CCU_IOFUNC0
Field
Name
Rst
Type
Description
2:0
gpio0_func
0
RW
Please refer to Figure 110
4:3
gpio0_pd
0
RW
Please refer to Figure 111
5
gpio0_sr
0
RW
Slew rate: 0=fast 1=slow
10:8
gpio1_func
0
RW
Please refer to Figure 110
12:11
gpio1_pd
0
RW
Please refer to Figure 111
13
gpio1_sr
0
RW
Slew rate: 0=fast 1=slow
18:16
gpio2_func
0
RW
Please refer to Figure 110
20:19
gpio2_pd
0
RW
Please refer to Figure 111
21
gpio2_sr
0
RW
Slew rate: 0=fast 1=slow
26:24
gpio3_func
0
RW
Please refer to Figure 110
28:27
gpio3_pd
0
RW
Please refer to Figure 111
29
gpio3_sr
0
RW
Slew rate: 0=fast 1=slow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92