Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7000 Fiches technique(PDF) 22 Page - ams AG

No de pièce AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Fiches technique(HTML) 22 Page - ams AG

Back Button AS7000 Datasheet HTML 18Page - ams AG AS7000 Datasheet HTML 19Page - ams AG AS7000 Datasheet HTML 20Page - ams AG AS7000 Datasheet HTML 21Page - ams AG AS7000 Datasheet HTML 22Page - ams AG AS7000 Datasheet HTML 23Page - ams AG AS7000 Datasheet HTML 24Page - ams AG AS7000 Datasheet HTML 25Page - ams AG AS7000 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
Photodiode Trans-Impedance Amplifier (TIA)
The photodiode amplifier can be configured in three different
modes:
• Photocurrent to frequency converter
• Photocurrent to voltage converter
• Photocurrent integrator
Figure 20:
Trans-Impedance-Amplifier (TIA)
The integration time tINT is defined either by the sequencer
(man_mode=0) of manually through the bit sw_itg if
man_mode=1.
pd_ampcap
pd_ampres
pd_amp_en
Sequencer
from
photodiodes
to synchronous
demodulator
man_mode
man_sw_itg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92