| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7000 Fiches technique(PDF) 71 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7000 Fiches technique(HTML) 71 Page - ams AG |
|
71 / 92 page ![]() ams Datasheet Page 71 [v1-12] 2018-Feb-26 Document Feedback AS7000 − Detailed Description Figure 89: Selector Assignments Each of the GPIO pins is capable of adding a pullup and/or pulldown: Figure 90: GPIO Internal Circuit Interface GPIO I²C Master I²C Slave UART Analog gpioX_func; X=0…8 000 011 100 101 111 GPIO0 I/O M_SDA S_SDA TxD Ana0 GPIO1 I/O M_SCL S_SCL RxD Ana1 GPIO2 I/O M_SDA S_SDA TxD Ana2 GPIO3 I/O M_SCL S_SCL RxD Ana3 GPIO4 I/O M_SDA S_SDA TxD Ana4 GPIO5 I/O M_SCL S_SCL RxD Ana5 GPIO6 I/O M_SDA S_SDA TxD Ana6 GPIO7 I/O M_SCL S_SCL RxD Ana7 GPIO8 I/O M_SDA S_SDA TxD Ana8 VDD GND GPIO0...8 to analog pullup/pulldown controlled by gpioX_pd enable if gpioX_func is not analog to/from digital control } AS7000 |