| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7000 Fiches technique(PDF) 20 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7000 Fiches technique(HTML) 20 Page - ams AG |
|
20 / 92 page ![]() Page 20 ams Datasheet Document Feedback [v1-12] 2018-Feb-26 AS7000 − Detailed Description Photodiode Characteristics Figure 17: Photodiode Arrangement Note(s): 1. Orientation as in Figure 115 or Figure 3. Figure 18: AS7000-AA Photodiode Sensitivity (Solid Black) and LED Emission Spectrum (Dotted Green) – Dual Green LED Configuration Note(s): 1. Perpendicular light source. 2. LEDs and Filters are shown for Dual Green LED Configuration. 1mm 1mm Sensor VD1 VD2 PD1 PD3 PD4 PD2 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 300 400 500 600 700 800 900 1000 1100 Wavelength (nm) |