Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7000 Fiches technique(PDF) 26 Page - ams AG

No de pièce AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Fiches technique(HTML) 26 Page - ams AG

Back Button AS7000 Datasheet HTML 22Page - ams AG AS7000 Datasheet HTML 23Page - ams AG AS7000 Datasheet HTML 24Page - ams AG AS7000 Datasheet HTML 25Page - ams AG AS7000 Datasheet HTML 26Page - ams AG AS7000 Datasheet HTML 27Page - ams AG AS7000 Datasheet HTML 28Page - ams AG AS7000 Datasheet HTML 29Page - ams AG AS7000 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
Optical Front End Operating Modes
Once the photodiode amplifier is configured the measurement
can be done in two different ways. Either the LED-outputs, the
photodiode amplifier and the ADC are controlled manually by
means of register bits, or they are controlled by a built in
sequencer.
Manual Operation of The Optical Frontend:
The optical front end can be manually controlled via the AFE_
MAN_SEQ_CFG register using man_mode=1.
Figure 24:
Manual Operation of the Optical Frontend and LED
Note(s):
1. Applies only if man_mode=1.
For manual operation of the LEDs and its current sinks see
LED-Driver.
pd_ampcap
pd_ampres
pd_amp_en
man_sw_itg
GPIO7
GPIO6
pd1
pd2
pd3
pd4
pdi_1
pdi_0
pdoffx
ADC
adc_sel=0
Start conversion:
seq_en=1
End of conversion: seq_en returns to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92