| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7000 Fiches technique(PDF) 70 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7000 Fiches technique(HTML) 70 Page - ams AG |
|
70 / 92 page ![]() Page 70 ams Datasheet Document Feedback [v1-12] 2018-Feb-26 AS7000 − Detailed Description GPIO Pins and Output Switch Matrix A flexible output switch matrix allows dynamic assignment of the internal digital blocks to the GPIO pins: Figure 88: Output Switch Matrix RxD GPIO UART TxD Out 0 SWD Serial Wire Debug INT , WAKE, in 0 Out 2 Out 3 Out 4 Out 5 Out 6 Out 7 Out 8 Out 0 M_S DA I2C Master M_S CL S_SDA I2C Slave S_SCL INT , WAKE, in 1 INT , WAKE, in 2 INT , WAKE, in 3 INT , WAKE, in 4 INT , WAKE, in 5 INT , WAKE, in 6 INT , WAKE, in 7 INT , WAKE, in 8 Selector Controlled by gpioX_func; X=0...9 GPIO8 GPIO7 GPIO6 GPIO5 GPIO4 GPIO3 GPIO2 GPIO1 GPIO0 Programming mode bit: enable_swd securitybit |