Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7000 Fiches technique(PDF) 49 Page - ams AG

No de pièce AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Fiches technique(HTML) 49 Page - ams AG

Back Button AS7000 Datasheet HTML 45Page - ams AG AS7000 Datasheet HTML 46Page - ams AG AS7000 Datasheet HTML 47Page - ams AG AS7000 Datasheet HTML 48Page - ams AG AS7000 Datasheet HTML 49Page - ams AG AS7000 Datasheet HTML 50Page - ams AG AS7000 Datasheet HTML 51Page - ams AG AS7000 Datasheet HTML 52Page - ams AG AS7000 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
ams Datasheet
Page 49
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
7:5
gpio_gst_in
0
RW
Gain stage input selection
Setting
Meaning
0
Not connected
1GPIO4
2GPIO5
3GPIO6
4GPIO1
5GPIO0
4:3
gst_ref
0
RW
Gain stage reference voltage
Setting
Meaning
0AGND
1
DAC buffer
2SIGREF
3
Reserved – do not use
2:0
gst_gain
0
RW
Gain stage gain
Setting
Meaning
01
12
24
38
416
532
664
7
Reserved – do not use
0x90: AFE_EAF
Field
Name
Rst
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92