Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7000 Fiches technique(PDF) 18 Page - ams AG

No de pièce AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Fiches technique(HTML) 18 Page - ams AG

Back Button AS7000 Datasheet HTML 14Page - ams AG AS7000 Datasheet HTML 15Page - ams AG AS7000 Datasheet HTML 16Page - ams AG AS7000 Datasheet HTML 17Page - ams AG AS7000 Datasheet HTML 18Page - ams AG AS7000 Datasheet HTML 19Page - ams AG AS7000 Datasheet HTML 20Page - ams AG AS7000 Datasheet HTML 21Page - ams AG AS7000 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
Photodiode Selection
In order to have flexible arrangement of the use photodiodes,
PD1-PD4 can be individually connected to the photodiode
amplifier input. The optional offset current allows cancellation
of constant light sources like sunlight. In case of an external
photodiode or any other sensor with (low) current output, the
pins GPIO6 and GPIO7 can be used as input.
Additionally the sequencer can control the diodes – see diode_
ctrl described in register AFE_MAN_SEQ_CFG .
Figure 15:
Photodiode Selection
GPIO7
GPIO6
pd1
pd2
pd3
pd4
pdi_1
pdi_0
pdoffx
to TIA
(Trans-Impedance-Amplifier)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92