| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7000 Fiches technique(PDF) 77 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7000 Fiches technique(HTML) 77 Page - ams AG |
|
77 / 92 page ![]() ams Datasheet Page 77 [v1-12] 2018-Feb-26 Document Feedback AS7000 − Detailed Description Figure 100: GPIO_INTTYPE Figure 101: GPIO_INTPOL Figure 102: GPIO_STATUS Figure 103: GPIO_INTMASK 0x10: GPIO_INTTYPE Field Name Rst Type Description 8:0 gpio_inttype 0 RW Interrupt type (0=level 1=edge sensitive). Level sensitive interrupts are asserted as long the interrupt condition is true. Edge level interrupt have to be cleared explicitly. 0x14: GPIO_INTPOL Field Name Rst Type Description 8:0 gpio_intpol 0 RW Interrupt polarity (0=interrupt when '0' / nedgedge, 1=when '1' / posedge) 0x20: GPIO_STATUS Field Name Rst Type Description 8:0 gpio_status 0 R_PUSH Interrupt condition fulfilled (edge interrupt has to be cleared by writing a '1' here) 0x24: GPIO_INTMASK Field Name Rst Type Description 8:0 gpio_intmsk 0 RW Interrupt mask: a '1' enables the interrupt |