Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7000 Fiches technique(PDF) 14 Page - ams AG

No de pièce AS7000
Description  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS7000 Fiches technique(HTML) 14 Page - ams AG

Back Button AS7000 Datasheet HTML 10Page - ams AG AS7000 Datasheet HTML 11Page - ams AG AS7000 Datasheet HTML 12Page - ams AG AS7000 Datasheet HTML 13Page - ams AG AS7000 Datasheet HTML 14Page - ams AG AS7000 Datasheet HTML 15Page - ams AG AS7000 Datasheet HTML 16Page - ams AG AS7000 Datasheet HTML 17Page - ams AG AS7000 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
AFE_LED_CURR Register (Addr: 0x04)
The AFE_LED_CURR defines the LED output current.
Figure 13:
AFE_LED_CURR Register
Addr: 0x04
AFE_LED_CURR
Bit
Bit Name
Default
Access
Description
31:24
curr4
0x00
R/W
LED4 output current – do not use code=0 (will generate
no output current)
ILED4 = (curr4 + 1) * imax4 / 256
23:16
curr3
0x00
R/W
LED3 output current – do not use code=0 (will generate
no output current)
ILED3 = (curr3 + 1) * imax3 / 256
15:8
curr2
0x00
R/W
LED2 output current – do not use code=0 (will generate
no output current)
ILED2 = (curr2 + 1) * imax2 / 256
7:0
curr1
0x00
R/W
LED1 output current – do not use code=0 (will generate
no output current)
ILED1 = (curr1 + 1) * imax1 / 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92