Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PICDEM2 Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Fiches technique(HTML) 20 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 16Page - Microchip Technology PICDEM2 Datasheet HTML 17Page - Microchip Technology PICDEM2 Datasheet HTML 18Page - Microchip Technology PICDEM2 Datasheet HTML 19Page - Microchip Technology PICDEM2 Datasheet HTML 20Page - Microchip Technology PICDEM2 Datasheet HTML 21Page - Microchip Technology PICDEM2 Datasheet HTML 22Page - Microchip Technology PICDEM2 Datasheet HTML 23Page - Microchip Technology PICDEM2 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 15
PICDEM 2 USER’S GUIDE
12
Chapter 5. I2C/EEPROM Demo
The iic.asm program demonstrates the use of the I2C bus. The program
writes 0 through FFh to each address of the serial EEPROM, and then reads
back the value. The LEDs indicate the data presently being written. If an error
occurs, all of the LEDs flash.
For more information on I2C operation of the SSP module, please refer to the
PICmicro Mid-range MCU Family Reference Manual for an operational
description and a list of related application notes. For more information on
serial EEPROM, please refer to the Technical Library CD-ROM.
For detailed information on the PICDEM 2 hardware, please refer to
Appendix A.
Figure 5.1: I2C/EEPROM Demo
PICDEM 2 DEMO BOARD
U2
U1
PIC16C73
PIC16C64/74
U4
RN1
7
6
5
4
3
2
10
RN2
PORT B
©1994
LEDs
EEPROM
(28-pin Device)
(40-pin Device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60