Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PICDEM2 Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Fiches technique(HTML) 27 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 23Page - Microchip Technology PICDEM2 Datasheet HTML 24Page - Microchip Technology PICDEM2 Datasheet HTML 25Page - Microchip Technology PICDEM2 Datasheet HTML 26Page - Microchip Technology PICDEM2 Datasheet HTML 27Page - Microchip Technology PICDEM2 Datasheet HTML 28Page - Microchip Technology PICDEM2 Datasheet HTML 29Page - Microchip Technology PICDEM2 Datasheet HTML 30Page - Microchip Technology PICDEM2 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
PICDEM 2 User’s Guide
DS30374D-page 22
 2001 Microchip Technology Inc.
5.1.3
TX and RX Routines
The TX and RX routines transmit and receive 8 data bits, respectively. Data is
transmitted/received one bit at a time by left bit-shifting the transmit/receive
buffer. A counter, set initially to 8, is decremented until all 8 bits of data are
sent/received. Finally, acknowledgment bits are received/transmitted. In the
case of transmission, if an acknowledgment is not received, an error flag is
set.
Figure 5.8: Transmit
Set counter for eight bits
(BITOUT)
Send Bit
(BITIN)
Rotate transmit buffer left
Read acknowledge bit
Return
Default bit out = 0
If shifted bit = 0, data bit = 0
else data bit = 1
8 bits transmitted?
No
Yes
Acknowledgment
Yes
ERR
Received?
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60