Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PICDEM2 Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Fiches technique(HTML) 18 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 14Page - Microchip Technology PICDEM2 Datasheet HTML 15Page - Microchip Technology PICDEM2 Datasheet HTML 16Page - Microchip Technology PICDEM2 Datasheet HTML 17Page - Microchip Technology PICDEM2 Datasheet HTML 18Page - Microchip Technology PICDEM2 Datasheet HTML 19Page - Microchip Technology PICDEM2 Datasheet HTML 20Page - Microchip Technology PICDEM2 Datasheet HTML 21Page - Microchip Technology PICDEM2 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 13
A/D Demo
4.2 InitializeAD Routine
The InitializeAD routine sets up the A/D converter for use with the
PICDEM 2 board. The routine sets RA0, RA1, and RA4 as analog inputs,
enables the A/D interrupt, sets the A/D to use the internal RC oscillator,
selects channel 0, clears the A/D interrupt flag, enables peripheral interrupts
and then enables global interrupts.
Figure 4.3: Initialize A/D
4.3 SetupDelay Routine
This subroutine delays for greater than one A/D converter clock period (2 to
6
µs when using the internal RC clock as this program does) to allow for
sampling time.
Figure 4.4: Setup Delay
InitializeAD
Set Ch0-Ch3 as
analog inputs
Select RC clock
Select Ch0 as input
Turn on A/D
Enable Interrupts
Return
SetupDelay
Initialize loop variable
Decrement
loop variable.
Variable=0?
Return
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60