Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PICDEM2 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 15Page - Microchip Technology PICDEM2 Datasheet HTML 16Page - Microchip Technology PICDEM2 Datasheet HTML 17Page - Microchip Technology PICDEM2 Datasheet HTML 18Page - Microchip Technology PICDEM2 Datasheet HTML 19Page - Microchip Technology PICDEM2 Datasheet HTML 20Page - Microchip Technology PICDEM2 Datasheet HTML 21Page - Microchip Technology PICDEM2 Datasheet HTML 22Page - Microchip Technology PICDEM2 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
PICDEM 2 User’s Guide
DS30374D-page 14
 2001 Microchip Technology Inc.
4.4 Service_Int Routine
This subroutine handles the A/D converter interrupt and updating of the LEDs
on PORTB. The first thing the routine does is to check if the A/D interrupt flag
is set. If it is not, the interrupt was caused by some other peripheral, and the
program returns to the main routine with interrupts re-enabled. If the interrupt
was caused by the A/D converter, the A/D result register is read, and the
value put on the LEDs. The A/D interrupt flag is then reset, and the peripheral
interrupts are enabled. The routine then waits for the sample time (2*TAD),
starts the next conversion, and returns with global interrupts enabled.
Figure 4.5: Service Interrupt
Service_int
Interrupt Service Routine
(SetupDelay)
A/D caused interrupt?
Get A/D Value
Display on LEDs
No
Yes
Reset A/D Flag
Re-enable Periph Ints
Delay for 2*Tad
Start A/D Conversion
Return
(SetupDelay)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60