Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PICDEM2 Fiches technique(PDF) 44 Page - Microchip Technology

No de pièce PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Fiches technique(HTML) 44 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 40Page - Microchip Technology PICDEM2 Datasheet HTML 41Page - Microchip Technology PICDEM2 Datasheet HTML 42Page - Microchip Technology PICDEM2 Datasheet HTML 43Page - Microchip Technology PICDEM2 Datasheet HTML 44Page - Microchip Technology PICDEM2 Datasheet HTML 45Page - Microchip Technology PICDEM2 Datasheet HTML 46Page - Microchip Technology PICDEM2 Datasheet HTML 47Page - Microchip Technology PICDEM2 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 39
LCD Demo
6.2.3.
DEC_TABL Routine (kbd8bit.asm)
This routine is basically a look-up table that returns the ASCII value of the
received keypress.
6.2.4.
LCDInit Routine (lcd8bit.asm)
This routine initializes the LCD module.
Figure 6.9: LCD Initialization Routine
6.2.5.
SetupDelay Routine (lcd8bit.asm)
This routine is basically a decrementing variable loop. The variable is
initialized with a value and then decremented in a loop until it reaches zero
value. Then it jumps out of the loop and returns to the calling routine.
6.2.6.
SendCmd Routine (lcd8bit.asm)
This routine sends a command to the LCD.
6.2.7.
BusyCheck Routine (lcd8bit.asm)
This routine checks the LCD busy flag. It returns only when not busy.
6.2.8.
SendChar Routine (lcd8bit.asm)
This routine sends a character to the LCD.
8-bit interface
Display on, cursor on
Clear display
Set entry mode inc, no shift
Address DDRAM upper left
Send commands to LCD (SendCmd)
Return
Configure PORTA
Configure PORTD
Power-up and Set-up Sequence
(SetupDelay)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60