| Moteur de recherche de fiches techniques de composants électroniques |
|
PICDEM2 Fiches technique(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PICDEM2 Fiches technique(HTML) 46 Page - Microchip Technology |
|
46 / 60 page ![]() 2001 Microchip Technology Inc. DS30374D-page 41 PICDEM 2 USER’S GUIDE 12 Chapter 7. USART Demo The usart.asm program demonstrates the USART peripheral. The program echoes the values received through the serial port back to the host computer. Values are also displayed on the LEDs. The program operates at 9600 baud, 1 stop bit, and no parity. For more information on USART module operation, please refer to the PICmicro Mid-range MCU Family Reference Manual for an operational description and a list of related application notes. For detailed information on the PICDEM 2 hardware, please refer to Appendix A. Figure 7.1: USART Demo 1 U3 C13 C14 C15 C12 PICDEM 2 DEMO BOARD U2 U1 PIC16C73 PIC16C64/74 RN1 7 6 5 4 3 2 10 RN2 PORT B J1 ©1994 RS-232 LEDs (28-pin Device) (40-pin Device) |