| Moteur de recherche de fiches techniques de composants électroniques |
|
PICDEM2 Fiches technique(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PICDEM2 Fiches technique(HTML) 6 Page - Microchip Technology |
|
6 / 60 page ![]() 2001 Microchip Technology Inc. DS30374D-page 1 PICDEM 2 USER’S GUIDE 12 Chapter 1. Introduction 1.1 Welcome Thank you for purchasing the PICDEM 2 demonstration board from Microchip Technology Incorporated. The PICDEM 2 is a simple board which demonstrates the capabilities of the 28- and 40-pin PIC16CXXX and PIC18CXXX devices. The PICDEM 2 can be used stand-alone with a programmed part, or with an emulator system, such as MPLAB® ICE. Sample programs are provided to demonstrate the unique features of the supported devices. The PICDEM 2 Kit comes with the following: 1. PICDEM 2 Demonstration Board 2. Sample devices 3. Sample programs (3.5-inch disk) 4. PICDEM 2 Demonstration Board User’s Guide (This document) If you are missing any part of the kit, please contact your nearest Microchip sales office, listed in the back of this publication, for help. Figure 1.1: PICDEM 2 Kit 4 1 2 3 |