| Moteur de recherche de fiches techniques de composants électroniques |
|
PICDEM2 Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PICDEM2 Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 60 page ![]() PICDEM 2 User’s Guide DS30374D-page 12 2001 Microchip Technology Inc. 4.1 Main Routine The main routine of a2d.asm handles the initialization of the PICmicro MCU and then waits in an infinite loop. The first few lines set PORTA as inputs and PORTB as outputs. InitializeAD, the Analog to Digital converter initialization routine, is then called. After the return from InitializeAD, the routine waits for Tad (A/D conversion clock) and then starts an A/D conversion. The program then enters an infinite loop with the reading of the A/D and the updating of the LEDs handled by an interrupt routine Service_Int. Figure 4.2: Main Routine Start Configure PORT B Configure PORT A (InitializeAD) Wait for Tad (SetupDelay) Start A/D conversion Service_Int Initialize A/D module A/D Complete? No Yes |