Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PICDEM2 Fiches technique(PDF) 47 Page - Microchip Technology

No de pièce PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Fiches technique(HTML) 47 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 43Page - Microchip Technology PICDEM2 Datasheet HTML 44Page - Microchip Technology PICDEM2 Datasheet HTML 45Page - Microchip Technology PICDEM2 Datasheet HTML 46Page - Microchip Technology PICDEM2 Datasheet HTML 47Page - Microchip Technology PICDEM2 Datasheet HTML 48Page - Microchip Technology PICDEM2 Datasheet HTML 49Page - Microchip Technology PICDEM2 Datasheet HTML 50Page - Microchip Technology PICDEM2 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
PICDEM 2 User’s Guide
DS30374D-page 42
 2001 Microchip Technology Inc.
7.1 Main Routine
The main routine sets up PORTB for LED display and configures the USART
module. When data is received over the RS-232 communication line, an
interrupt is generated and the program jumps to the IntVector routine.
Figure 7.2: Main Routine
Start
Configure PORT B
IntVector
Set up USART
Enable Receive Interrupt
9600 Baud at 4MHz
Continuous RX
Async, high baud rate TX
Data Received?
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60