Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PICDEM2 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 10Page - Microchip Technology PICDEM2 Datasheet HTML 11Page - Microchip Technology PICDEM2 Datasheet HTML 12Page - Microchip Technology PICDEM2 Datasheet HTML 13Page - Microchip Technology PICDEM2 Datasheet HTML 14Page - Microchip Technology PICDEM2 Datasheet HTML 15Page - Microchip Technology PICDEM2 Datasheet HTML 16Page - Microchip Technology PICDEM2 Datasheet HTML 17Page - Microchip Technology PICDEM2 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 9
PICDEM 2 USER’S GUIDE
12
Chapter 3. Tutorials
The tut.asm tutorial program is pre-programmed into the sample device.
This program is listed on the included 3.5” program disk for user reference.
I.e., if the sample device has been reprogrammed with another sample
program, the tutorial may be reassembled and reprogrammed into the device.
The tutorial program functions as follows. Pressing the switch S2 causes the
LEDs to binary count up to FFh (255 decimal). Past FFh (all LEDs on), the
count rolls over to zero (all LEDs off). The program may be reset by pressing
the switch S1.
For detailed information on the PICDEM 2 hardware, please refer to
Appendix A.
Figure 3.1: Tutorial
PICDEM 2 DEMO BOARD
U2
U1
PIC16C73
PIC16C64/74
RESET
RA4
RN1
7
6
5
4
3
2
10
RN2
PORT B
©1994
S2
S1
LEDs
press to reset
press to
increase count
(28-pin Device)
(40-pin Device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60