Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR600 Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 47Page - STMicroelectronics SPEAR600 Datasheet HTML 48Page - STMicroelectronics SPEAR600 Datasheet HTML 49Page - STMicroelectronics SPEAR600 Datasheet HTML 50Page - STMicroelectronics SPEAR600 Datasheet HTML 51Page - STMicroelectronics SPEAR600 Datasheet HTML 52Page - STMicroelectronics SPEAR600 Datasheet HTML 53Page - STMicroelectronics SPEAR600 Datasheet HTML 54Page - STMicroelectronics SPEAR600 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
K2
K3
K4
K5
K6
L5
L4
L3
L2
L1
M1
M2
M3
M4
M5
N6
N5
N4
P4
R4
USB_DEV_VBUS
USB_DEV_VBUS
USB_DEV_VBUS
USB_DEV_VBUS
P5
USB_HOST1_VBUS
USB_HOST1_VBUS
USB_HOST1_VBUS
USB_HOST1_VBUS
R5
USB_HOST2_VBUS
USB_HOST2_VBUS
USB_HOST2_VBUS
USB_HOST2_VBUS
P6
USB_HOST1_OVRC
USB_HOST1_OVRC
USB_HOST1_OVRC
USB_HOST1_OVRC
R6
USB_HOST2_OVRC
USB_HOST2_OVRC
USB_HOST2_OVRC
USB_HOST2_OVRC
P1
USB_HOST2_DP
USB_HOST2_DP
USB_HOST2_DP
USB_HOST2_DP
P2
USB_HOST2_DM
USB_HOST2_DM
USB_HOST2_DM
USB_HOST2_DM
T1
USB_HOST1_DP
USB_HOST1_DP
USB_HOST1_DP
USB_HOST1_DP
T2
USB_HOST1_DM
USB_HOST1_DM
USB_HOST1_DM
USB_HOST1_DM
Table 16.
Multiplexing scheme (continued)
Ball
Mode 0
Mode 1
Mode 2
Mode 3
Mode 4
Mode 5
Full RAS
Mode 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97