| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR600 Fiches technique(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR600 Fiches technique(HTML) 83 Page - STMicroelectronics |
|
83 / 97 page ![]() SPEAr600 Timing characteristics Doc ID 16259 Rev 3 83/97 6.6.4 MDIO timing specifications Figure 39. MDC waveforms Figure 40. Paths from MDC/MDIO pads Note: When MDIO is used as output the data are launched on the falling edge of the clock as shown in Figure 39. Table 53. MDC/MDIO timing Parameter Value Frequency tCLK period 614.4 ns 1.63 MHz tCLK fall (tf) 1.18 ns tCLK rise (tr) 1.14 ns Output tmax = ~tCLK /2 307 ns tmin = ~tCLK /2 307 ns Input tSETUPmax = t1max - t3min 6.88 ns tHOLDmin = t1min - t3max -1.54 ns Input Thold MDC MDIO Tclock Tr Tf Output Tsetup Tmi n Tmax Q Q SET CLR D t2 t3 CLK MDIO t1 Q Q SET CLR D MDC INPUT OUTPUT |