Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR600 Fiches technique(PDF) 82 Page - STMicroelectronics

No de pièce SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Fiches technique(HTML) 82 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 78Page - STMicroelectronics SPEAR600 Datasheet HTML 79Page - STMicroelectronics SPEAR600 Datasheet HTML 80Page - STMicroelectronics SPEAR600 Datasheet HTML 81Page - STMicroelectronics SPEAR600 Datasheet HTML 82Page - STMicroelectronics SPEAR600 Datasheet HTML 83Page - STMicroelectronics SPEAR600 Datasheet HTML 84Page - STMicroelectronics SPEAR600 Datasheet HTML 85Page - STMicroelectronics SPEAR600 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
Timing characteristics
SPEAr600
82/97
Doc ID 16259 Rev 3
6.6.3
GMII-MII Receive timing specifications
Figure 37.
GMII-MII RX waveforms
Figure 38.
Block diagram of GMII-MII RX pins
Note:
The input stage is the same for all the interfaces (GMII and MII10/100) so tSETUP and tHOLD
values are equal in all the cases.
The receive path is optimized for the GMII interface: this also ensures correct capture of
data for the MII10/100 interface.
Table 52.
GMII-MII RX timings
Parameter
Value using GMII [tCLK
period = 8 ns
125 MHz]
Value using MII 100Mb
[tCLK period = 40 ns
25 MHz]
Value using MII 10
Mb [tCLK period = 400
ns 2.5 MHz]
tSETUPmax (tS)= t2max -
t1min
2.26 ns
2.26 ns
2.26 ns
t HOLDmin (tH)= t2min -
t1max
-0.11 ns
-0.11 ns
-0.11 ns
RXD0-RXD3,
GMIIRX_D4-GMIIRX_D7,
RX_ER, RX_DV
RX_CLK
Ts
Th
Tclock
Tr
Tf
t1
Q
Q
SET
CLR
D
t2
RX[0..3], GMII_RX[4..7],
RX_ER, RX_DV
RX_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97