| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR600 Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR600 Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 97 page ![]() SPEAr600 Memory map Doc ID 16259 Rev 3 53/97 4 Memory map Table 18. Memory map Start address End address Peripheral Description 0x0000.0000 0x3FFF.FFFF External DRAM DDR1 or DDR2 0x4000.0000 0x4000.07FF R.F.U Reserved 0x4000.0800 0x4000.0820 I2S I2S dual port memory 0x4000.0821 0xBFF.FFFF R.F.U Reserved 0xC000.0000 0xCFFF.F7FF AHB_EH2H expansion interface 0xCFFF.F800 0xCFFF.FFFF AHB_EH2H registers 0xD000.0000 0xD007.FFFF UART 1 0xD008.0000 0xD00F.FFFF UART 2 0xD010.0000 0xD017.FFFF SSP 1 0xD018.0000 0xD01F.FFFF SSP 2 0xD020.0000 0xD027.FFFF I2C 0xD028.0000 0xD07F.FFFF - Reserved 0xD080.0000 0xD0FF.FFFF JPEG Codec 0xD100.0000 0xD17F.FFFF Fast IrDA 0xD180.0000 0xD1FF.FFFF FSMC NAND Flash controller 0xD200.0000 0xD27F.FFFF FSMC NAND Flash memory 0xD280.0000 0xD2FF.FFFF SRAM Static RAM shared memory (8 Kbytes) 0xD300.0000 0xD7FF.FFFF - Reserved 0xD800.0000 0xD807.FFFF Timer 1 0xD808.0000 0xD80F.FFFF Timer 2 0xD810.0000 0xD817.FFFF GPIO 0xD818.0000 0xD81F.FFFF SSP 3 0xD820.0000 0xD827.FFFF ADC 0xD828.0000 0xDFFF.FFFF - Reserved 0xE000.0000 0xE07F.FFFF - Reserved 0xE080.0000 0xE0FF.FFFF Ethernet controller GMAC 0xE100.0000 0xE10F.FFFF USB 2.0 device FIFO 0xE110.0000 0xE11F.FFFF USB 2.0 device Configuration registers 0xE120.0000 0xE12F.FFFF USB 2.0 device Plug detect 0xE130.0000 0xE17F.FFFF - Reserved 0xE180.0000 0xE18F.FFFF USB2.0 EHCI 1 |