Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLED524 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 37Page - STMicroelectronics STLED524 Datasheet HTML 38Page - STMicroelectronics STLED524 Datasheet HTML 39Page - STMicroelectronics STLED524 Datasheet HTML 40Page - STMicroelectronics STLED524 Datasheet HTML 41Page - STMicroelectronics STLED524 Datasheet HTML 42Page - STMicroelectronics STLED524 Datasheet HTML 43Page - STMicroelectronics STLED524 Datasheet HTML 44Page - STMicroelectronics STLED524 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
DocID026217 Rev 1
41/72
STLED524
Detailed description
Figure 16. Light output in case of disabled PWM and enabled slope
Figure 17. Light output in case of enabled PWM and enabled slope
Figure 18. Light output in case of enabled scroll
4.9
SPI
The STLED524 is fully compatible with SPI protocol. All commands, addresses and input
data bytes are shifted inside the device, the most significant bit first. The first serial data
input (MOSI) is sampled on the first rising edge of the serial clock (SCK) after slave select
(SS) goes low. Figure 19 shows the writing of a single byte into the device.
GIPG2103141024LM
GIPG2103141026LM
GIPG2103141030LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72