Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLED524 Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 51Page - STMicroelectronics STLED524 Datasheet HTML 52Page - STMicroelectronics STLED524 Datasheet HTML 53Page - STMicroelectronics STLED524 Datasheet HTML 54Page - STMicroelectronics STLED524 Datasheet HTML 55Page - STMicroelectronics STLED524 Datasheet HTML 56Page - STMicroelectronics STLED524 Datasheet HTML 57Page - STMicroelectronics STLED524 Datasheet HTML 58Page - STMicroelectronics STLED524 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
6
Application information
6.1
Pattern examples
6.1.1
Example 1 - rectangle
Dimming of all dots in the rectangle is set to 255. Slope is set to 1 and delay is set to 0.
Figure 26. Example 1
GIPG2103141146LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72