Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLED524 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 33Page - STMicroelectronics STLED524 Datasheet HTML 34Page - STMicroelectronics STLED524 Datasheet HTML 35Page - STMicroelectronics STLED524 Datasheet HTML 36Page - STMicroelectronics STLED524 Datasheet HTML 37Page - STMicroelectronics STLED524 Datasheet HTML 38Page - STMicroelectronics STLED524 Datasheet HTML 39Page - STMicroelectronics STLED524 Datasheet HTML 40Page - STMicroelectronics STLED524 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
DocID026217 Rev 1
37/72
STLED524
Detailed description
Figure 10. Scroll operation with blank row/column insertion enabled
Figure 11 shows a scroll operation example when wait cycle is enabled. When P2 pattern is
visible, the wait counter starts. EOSCR interrupt is generated, when the wait counter
reaches the value set by scroll control register 3.
Figure 11. Scroll operation with enabled wait cycle
All three examples above show the scroll operation during the which P1 pattern is replaced
by P2 pattern, but the behavior described in these examples is also valid for all other cases
stated in Table 44.
GIPG210314956LM
GIPG2103141000LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72