Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLED524 Fiches technique(PDF) 70 Page - STMicroelectronics

No de pièce STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Fiches technique(HTML) 70 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 64Page - STMicroelectronics STLED524 Datasheet HTML 65Page - STMicroelectronics STLED524 Datasheet HTML 66Page - STMicroelectronics STLED524 Datasheet HTML 67Page - STMicroelectronics STLED524 Datasheet HTML 68Page - STMicroelectronics STLED524 Datasheet HTML 69Page - STMicroelectronics STLED524 Datasheet HTML 70Page - STMicroelectronics STLED524 Datasheet HTML 71Page - STMicroelectronics STLED524 Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
Package mechanical data
STLED524
70/72
DocID026217 Rev 1
Table 72. CSP 56 bumps (3.4x3.0 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.50
0.55
0.60
A1
0.17
0.20
0.23
A2
0.33
0.35
0.37
b
0.23
0.25
0.29
D
3.34
3.37
3.40
D1
2.8
E
2.94
2.97
3.0
E1
2.4
e0.40
SE
0.20
fD
0.285
fE
0.285
ccc
0.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72