| Moteur de recherche de fiches techniques de composants électroniques |
|
STLED524 Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLED524 Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 72 page ![]() Byte index 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 Data 0xFF 0x0C 0x00 0x00 0xFF 0x0C 0x00 0x00 0xFF 0x0C 0xFF 0x0C 0xFF 0x0C 0xFF 0x0C Byte index 209 210 211 212 213 214 215 216 217 218 219 220 221 222 223 224 Data 0xFF 0x0C 0xFF 0x0C 0xFF 0x0C 0xFF 0x0C 0xFF 0x0C 0xFF 0x0C 0xFF 0x0C 0x00 0x00 Byte index 225 226 227 228 229 230 231 232 233 234 235 236 237 238 239 240 Data 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 Byte index 241 Data 0x00 1. Byte index and data represent the current data of the pattern from example 3. If the same pattern is written into pattern 2, data are the same but the byte with index 1 has to be changed to 0x04. Data can be written at once as per Section 4.9.4. 2. SPI command to write to pattern 1 memory. 3. Address in pattern 1 memory where the data storage begins. Table 59. SPI data for writing pattern from example 3 to pattern 1 memory (continued) Byte index(1) 1 2 3 4 5 6 7 8 9 1011 12 13 1415 16 Data(1) 0x02(2) 0x00(3) 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0xFF 0x04 |