| Moteur de recherche de fiches techniques de composants électroniques |
|
STLED524 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLED524 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 72 page ![]() Detailed description STLED524 16/72 DocID026217 Rev 1 4.2 LED matrix Figure 3. LED matrix coordinates LED matrix rows are connected to ROW 0-4 pins. Columns are connected to COL 0-23 pins. 4.2.1 Blanking time Rows are multiplexed by TROW period according to Figure 4. The duration of one row is given by TROW = TFRAME / 5, but the maximum dot on-time is TONMAX = TROW - (TRTCR + TRTCF) only. GIPG2702141315LM |