| Moteur de recherche de fiches techniques de composants électroniques |
|
STLED524 Fiches technique(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLED524 Fiches technique(HTML) 62 Page - STMicroelectronics |
|
62 / 72 page ![]() 6.1.5 Example 5 - Writing pattern data into pattern 1 memory If pattern from example 3 is written to pattern 1 memory, the following data have to be sent through the SPI. H 0x46 0x00 0x00 0x48 0x00 0x00 0x4A 0x00 0x00 0x4C 0x00 0x00 0x4E 0x00 0x00 I 0x50 0xFF 0x08 0x52 0x00 0x00 0x54 0xFF 0x08 0x56 0xFF 0x08 0x58 0xFF 0x08 J 0x5A 0xFF 0x08 0x5C 0x00 0x00 0x5E 0xFF 0x08 0x60 0xFF 0x08 0x62 0xFF 0x08 K 0x64 0xFF 0x08 0x66 0x00 0x00 0x68 0xFF 0x08 0x6A 0x00 0x00 0x6C 0xFF 0x08 L 0x6E 0xFF 0x08 0x70 0xFF 0x08 0x72 0xFF 0x08 0x74 0x00 0x00 0x76 0xFF 0x08 M 0x78 0xFF 0x08 0x7A 0xFF 0x08 0x7C 0xFF 0x08 0x7E 0x00 0x00 0x80 0xFF 0x08 N 0x82 0x00 0x00 0x84 0x00 0x00 0x86 0x00 0x00 0x88 0x00 0x00 0x8A 0x00 0x00 O 0x8C 0x00 0x00 0x8E 0x00 0x00 0x90 0x00 0x00 0x92 0x00 0x00 0x94 0x00 0x00 P 0x96 0x00 0x00 0x98 0x00 0x00 0x9A 0x00 0x00 0x9C 0x00 0x00 0x9E 0x00 0x00 Q 0xA0 0x00 0x00 0xA2 0x00 0x00 0xA4 0x00 0x00 0xA6 0x00 0x00 0xA8 0x00 0x00 R 0xAA 0xFF 0x0C 0xAC 0x00 0x00 0xAE 0x00 0x00 0xB0 0x00 0x00 0xB2 0xFF 0x0C S 0xB4 0xFF 0x0C 0xB6 0x00 0x00 0xB8 0x00 0x00 0xBA 0x00 0x00 0xBC 0xFF 0x0C T 0xBE 0xFF 0x0C 0xC0 0x00 0x00 0xC2 0xFF 0x0C 0xC4 0x00 0x00 0xC6 0xFF 0x0C U 0xC8 0xFF 0x0C 0xCA 0xFF 0x0C 0xCC 0xFF 0x0C 0xCE 0xFF 0x0C 0xD0 0xFF 0x0C V 0xD2 0xFF 0x0C 0xD4 0xFF 0x0C 0xD6 0xFF 0x0C 0xD8 0xFF 0x0C 0xDA 0xFF 0x0C W 0xDC 0x00 0x00 0xDE 0x00 0x00 0xE0 0x00 0x00 0xE2 0x00 0x00 0xE4 0x00 0x00 X 0xE6 0x00 0x00 0xE8 0x00 0x00 0xEA 0x00 0x00 0xEC 0x00 0x00 0xEE 0x00 0x00 Table 58. Pattern data for example 4 (continued) Row 0 1 2 3 4 Col. Add Dimm. S&D Add Dimm. S&D Add Dimm. S&D Add Dimm. S&D Add Dimm. S&D |