| Moteur de recherche de fiches techniques de composants électroniques |
|
STLED524 Fiches technique(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLED524 Fiches technique(HTML) 59 Page - STMicroelectronics |
|
59 / 72 page ![]() 6.1.3 Example 3 - slope settings Dots, creating number 1, have dimming set to 255, slope to 1 and delay to 0. Dots, creating number 2, have dimming set to 255, slope to 2 and delay to 0. Dots, creating number 3, have dimming set to 255, slope to 3 and delay to 0. When this pattern is displayed with SLPEN=1, number 1 brightness ramps up/down at the furthest speed, number 2 at medium speed and number 3 at the slowest speed. Figure 28. Example 3 W 0xDC 0xAA 0x00 0xDE 0xAA 0x00 0xE0 0xAA 0x00 0xE2 0xAA 0x00 0xE4 0xAA 0x00 X 0xE6 0x00 0x00 0xE8 0x00 0x00 0xEA 0x00 0x00 0xEC 0x00 0x00 0xEE 0x00 0x00 Table 56. Pattern data for example 2 (continued) Row 0 1 2 3 4 Col. Add Dimm. S&D Add Dimm. S&D Add Dimm. S&D Add Dimm. S&D Add Dimm. S&D GIPG2103141151LM Table 57. Pattern data for example 3 Row 0 1 2 3 4 Col. Add Dimm. S&D Add Dimm. S&D Add Dimm. S&D Add Dimm. S&D Add Dimm. S&D A 0x00 0x00 0x00 0x02 0x00 0x00 0x04 0x00 0x00 0x06 0x00 0x00 0x08 0x00 0x00 B 0x0A 0x00 0x00 0x0C 0xFF 0x04 0x0E 0x00 0x00 0x10 0x00 0x00 0x12 0x00 0x00 C 0x14 0xFF 0x04 0x16 0xFF 0x04 0x18 0xFF 0x04 0x1A 0xFF 0x04 0x1C 0xFF 0x04 |